PART |
Description |
Maker |
B39202-B4170-U510 B4170 |
1 FUNCTIONS, 1960 MHz, SAW FILTER SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
|
EPCOS AG EPCOS[EPCOS]
|
FAR-F6CE-1G9600-L2XB FAR-F6CE-1G9600-L2XB-U FAR-F6 |
1 FUNCTIONS, 2441.8 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 2484 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER SWITCH SW DIP 5 5POS Aluminum Snap-In Capacitor; Capacitance: 3300uF; Voltage: 50V; Case Size: 22x35 mm; Packaging: Bulk Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
|
FUJITSU LTD Fujitsu, Ltd. Mini-Circuits Fujitsu Limited http:// Fujitsu Component Limited.
|
WF679B |
1 FUNCTIONS, 1960 MHz, SAW FILTER
|
NIHON DEMPA KOGYO CO LTD
|
SF2001B |
1 FUNCTIONS, 1960 MHz, SAW FILTER
|
RF MONOLITHICS INC
|
855817 |
1960 MHz Rx RF Filter
|
TRIQUINT[TriQuint Semiconductor]
|
802-RF1960.0M-A |
1960.0 MHz RF SAW Filter
|
Oscilent Corporation
|
856417 |
1960 MHz SAW Filter
|
TRIQUINT[TriQuint Semiconductor]
|
B39202B9310G110 B9310 |
SAW Rx 2in1 filter 881.5 / 1960.0 MHz
|
EPCOS AG EPCOS[EPCOS]
|
TA0175H |
SAW Filter 1960 MHz SMD 3X3 mm
|
http://
|
B7633 |
SAW Components BAW duplexer 1880.00 / 1960.00 MHz
|
EPCOS AG
|
B39202-B7717-K910 B7717 |
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
|
EPCOS[EPCOS]
|
B39202-B9007-E610 B9007 |
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
|
EPCOS[EPCOS]
|